Part Number Hot Search : 
CH400DPT 5742EUB PIC18F4 UPD16 064B1 3330DT3 W8511HI GPW576
Product Description
Full Text Search
 

To Download SL1210005-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL12 10005
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Use -B after Ametherm's part #
For example: to order an inside kinked lead use part number SL12 10005-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 50% of Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type Max Recommended Capacitance @ 120VAC/240VAC 10.0 20% 5.0 A 40.0 J 80.0 J 0.130 0.242 172 C 12.7Mw/C 47 seconds "C" 2700F/ 690F
Mechanical Specifications:
D T Lead Diameter S L Straight Leads Coating Run Down B C 12.0 0.5 mm 5.1 0.2 mm 0.8 0.1 mm 7.8 2.0 mm 38.0 9.0 mm 5.0 1.0 mm 11.5 3.50 mm 3.42 0.50 mm
CSA File Number: #CA118061
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL1210005-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X